công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AF142LB bảng dữ liệu(PDF) 38 Page - SPANSION

tên linh kiện MB9AF142LB
Giải thích chi tiết về linh kiện  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF142LB bảng dữ liệu(HTML) 38 Page - SPANSION

Back Button MB9AF142LB Datasheet HTML 34Page - SPANSION MB9AF142LB Datasheet HTML 35Page - SPANSION MB9AF142LB Datasheet HTML 36Page - SPANSION MB9AF142LB Datasheet HTML 37Page - SPANSION MB9AF142LB Datasheet HTML 38Page - SPANSION MB9AF142LB Datasheet HTML 39Page - SPANSION MB9AF142LB Datasheet HTML 40Page - SPANSION MB9AF142LB Datasheet HTML 41Page - SPANSION MB9AF142LB Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 121 page
background image
D a t a S h e e t
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
35
CONFIDENTIAL
Pin
Function
Pin Name
Function Description
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
BGA-
96
LQFP/
QFN-
64
Multi-
function
Serial
4
SIN4_0
Multi-function serial interface
ch.4 input pin
87
65
D7
67
C8
54
SIN4_1
65
43
F9
55
E10
-
SIN4_2
82
60
C8
-
-
-
SOT4_0
(SDA4_0)
Multi-function serial interface
ch.4 output pin.
This pin operates as SOT4
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SDA4
when it is used in an I
2C
(operation mode 4).
88
66
A6
68
C7
55
SOT4_1
(SDA4_1)
66
44
E11
56
E9
-
SOT4_2
(SDA4_2)
83
61
D9
-
-
-
SCK4_0
(SCL4_0)
Multi-function serial interface
ch.4 clock I/O pin.
This pin operates as SCK4
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SCL4
when it is used in an I
2C
(operation mode 4).
89
67
B6
69
B7
56
SCK4_1
(SCL4_1)
67
45
E10
-
-
-
SCK4_2
(SCL4_2)
84
62
A7
-
-
-
RTS4_0
Multi-function serial interface
ch.4 RTS output pin
90
68
C6
70
B6
-
RTS4_1
69
47
E9
-
-
-
RTS4_2
86
64
C7
-
-
-
CTS4_0
Multi-function serial interface
ch.4 CTS input pin
91
69
A5
71
C6
-
CTS4_1
68
46
F8
-
-
-
CTS4_2
85
63
B7
-
-
-
Multi-
function
Serial
5
SIN5_0
Multi-function serial interface
ch.5 input pin
96
74
C4
76
C4
60
SIN5_2
15
93
F3
-
-
-
SOT5_0
(SDA5_0)
Multi-function serial interface
ch.5 output pin.
This pin operates as SOT5
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SDA5
when it is used in an I
2C
(operation mode 4).
95
73
B4
75
B4
59
SOT5_2
(SDA5_2)
16
94
G1
-
-
-
SCK5_0
(SCL5_0)
Multi-function serial interface
ch.5 clock I/O pin.
This pin operates as SCK5
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SCL5
when it is used in an I
2C
(operation mode 4).
94
72
C5
74
C5
58
SCK5_2
(SCL5_2)
17
95
G2
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More