công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F446MC bảng dữ liệu(PDF) 68 Page - STMicroelectronics

tên linh kiện STM32F446MC
Giải thích chi tiết về linh kiện  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC bảng dữ liệu(HTML) 68 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 64Page - STMicroelectronics STM32F446MC Datasheet HTML 65Page - STMicroelectronics STM32F446MC Datasheet HTML 66Page - STMicroelectronics STM32F446MC Datasheet HTML 67Page - STMicroelectronics STM32F446MC Datasheet HTML 68Page - STMicroelectronics STM32F446MC Datasheet HTML 69Page - STMicroelectronics STM32F446MC Datasheet HTML 70Page - STMicroelectronics STM32F446MC Datasheet HTML 71Page - STMicroelectronics STM32F446MC Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 201 page
background image
Memory mapping
STM32F446xC/E
68/201
DocID027107 Rev 5
Table 12. STM32F446xC/E register boundary addresses(1)
Bus
Boundary address
Peripheral
-
0xE00F FFFF - 0xFFFF FFFF
Reserved
Cortex-M4
0xE000 0000 - 0xE00F FFFF
Cortex-M4 internal peripherals
AHB3
0xD000 0000 - 0xDFFF FFFF
FMC bank 6
0xC000 0000 - 0xCFFF FFFF
FMC bank 5
0xA000 2000 - 0x0xBFFF FFFF
Reserved
0xA000 1000 - 0x0xA000 1FFF
QuadSPI control register
0xA000 0000 - 0xA000 0FFF
FMC control register
0x9000 0000 - 0x9FFF FFFF
QuadSPI
0x8000 0000 - 0x8FFF FFFF
FMC bank 3
0x7000 0000 - 0x0x7FFF FFFF
Reserved
0x6000 0000 - 0x6FFF FFFF
FMC bank 1
-
0x5006 0C00- 0x5FFF FFFF
Reserved
AHB2
0x5006 0800- 0x500F 07FF
Reserved
0x5005 0400 - 0x5006 07FF
Reserved
0x5005 0000 - 0x5005 03FF
DCMI
0x5004 0000- 0x5004 FFFF
Reserved
0x5000 0000 - 0X5003 FFFF
USB OTG FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More