công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F446MC bảng dữ liệu(PDF) 58 Page - STMicroelectronics

tên linh kiện STM32F446MC
Giải thích chi tiết về linh kiện  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC bảng dữ liệu(HTML) 58 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 54Page - STMicroelectronics STM32F446MC Datasheet HTML 55Page - STMicroelectronics STM32F446MC Datasheet HTML 56Page - STMicroelectronics STM32F446MC Datasheet HTML 57Page - STMicroelectronics STM32F446MC Datasheet HTML 58Page - STMicroelectronics STM32F446MC Datasheet HTML 59Page - STMicroelectronics STM32F446MC Datasheet HTML 60Page - STMicroelectronics STM32F446MC Datasheet HTML 61Page - STMicroelectronics STM32F446MC Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 201 page
background image
Pinout and pin description
STM32F446xC/E
58/201
DocID027107 Rev 5
63
99
B7
E6
-
VSS
S
-
-
-
-
-
-
B8
E5
143
PDR_ON
S
-
-
-
-
64 100
A8
F5
144
VDD
S
-
-
-
-
1. PA11, PA12, PB14 and PB15 I/Os are supplied by VDDUSB
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More