công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPEAR320S bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện SPEAR320S
Giải thích chi tiết về linh kiện  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 31Page - STMicroelectronics SPEAR320S Datasheet HTML 32Page - STMicroelectronics SPEAR320S Datasheet HTML 33Page - STMicroelectronics SPEAR320S Datasheet HTML 34Page - STMicroelectronics SPEAR320S Datasheet HTML 35Page - STMicroelectronics SPEAR320S Datasheet HTML 36Page - STMicroelectronics SPEAR320S Datasheet HTML 37Page - STMicroelectronics SPEAR320S Datasheet HTML 38Page - STMicroelectronics SPEAR320S Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 113 page
background image
SPEAr320S
Pin description
Doc ID 022508 Rev 2
35/113
Table 12.
DDR pins description
Signal name
Description
Dir.
Pin type
Ball
DDR_MEM_ADD_0
Address Line
O
SSTL_2/SSTL_18
T2
DDR_MEM_ADD_1
T1
DDR_MEM_ADD_2
U1
DDR_MEM_ADD_3
U2
DDR_MEM_ADD_4
U3
DDR_MEM_ADD_5
U4
DDR_MEM_ADD_6
U5
DDR_MEM_ADD_7
T5
DDR_MEM_ADD_8
R5
DDR_MEM_ADD_9
P5
DDR_MEM_ADD_10
P6
DDR_MEM_ADD_11
R6
DDR_MEM_ADD_12
T6
DDR_MEM_ADD_13
U6
DDR_MEM_ADD_14
R7
DDR_MEM_BA_0
Bank select
O
P7
DDR_MEM_BA_1
P8
DDR_MEM_BA_2
R8
DDR_MEM_RAS
Row address strobe
O
U8
DDR_MEM_CAS
Column address strobe
O
T8
DDR_MEM_WE
Write enable
O
T7
DDR_MEM_CLKEN
Clock enable
O
U7
DDR_MEM_CLKP
Differential clock
O
Differential SSTL_2/
SSTL_18
T9
DDR_MEM_CLKN
U9
DDR_MEM_CS_0
Chip select
O
SSTL_2/ SSTL_18
P9
DDR_MEM_CS_1
R9
DDR_MEM_ODT_0
On-die termination enable
lines
IO
T3
DDR_MEM_ODT_1
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More