| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPEAR320S bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320S bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 113 page ![]() Timing requirements SPEAr320S 82/113 Doc ID 022508 Rev 2 5.5.2 DDR2/LPDDR write cycle timing characteristics Figure 11. DDR2/LPDDR write cycle waveform 5.5.3 DDR2/LPDDR command timing characteristics Figure 12. DDR2/LPDDR command waveform Table 54. DDR2/LPDDR write cycle timing requirements Symbol Description Min Max Unit tDQSS Positive DQS latching edge to associated CK edge -0.5 0.5 ns tDS DQ & DQM output setup time relative to DQS 0 0.25tCK – 0.76 tDH DQ & DQM output hold time relative to DQS 0 0.25tCK – 0.84 DDR_MEM_DQS_# DDR_MEM_DQ_# DDR_MEM_CLKP/ DDR_MEM_CLKN tDS tDH tDH tDS tDS tDH t DQSS Table 55. DDR2/LPDDR command timing requirements Symbol Description Min Max Unit tIS Address and control output setup time 0 0.5tCK – 0.5 ns tIH Address and control output hold time 0 0.5tCK – 0.59 tIS tIH CLK Address and commands |