| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MEC1322 bảng dữ liệu(PDF) 377 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1322 bảng dữ liệu(HTML) 377 Page - Microchip Technology |
|
377 / 456 page ![]() 2014 - 2015 Microchip Technology Inc. DS00001719D-page 377 MEC1322 34.11 Registers 34.11.1 REGISTERS SUMMARY The registers listed in the Table 34-3, "EC-Only Register Base Address Table" are for a single instance of the Keyboard Scan Interface block. Each 32-bit RAM location is an offset from the EC base address. Note 34-1 The Base Address indicates where the first register can be accessed in a particular address space for a block instance. TABLE 34-3: EC-ONLY REGISTER BASE ADDRESS TABLE Block Instance Instance Number Host Address Space Base Address ( Note 34-1) VBAT-Powered RAM 0 EC 32-bit internal address space 4000_A800h |