công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MEC1322 bảng dữ liệu(PDF) 358 Page - Microchip Technology

tên linh kiện MEC1322
Giải thích chi tiết về linh kiện  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 bảng dữ liệu(HTML) 358 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 354Page - Microchip Technology MEC1322 Datasheet HTML 355Page - Microchip Technology MEC1322 Datasheet HTML 356Page - Microchip Technology MEC1322 Datasheet HTML 357Page - Microchip Technology MEC1322 Datasheet HTML 358Page - Microchip Technology MEC1322 Datasheet HTML 359Page - Microchip Technology MEC1322 Datasheet HTML 360Page - Microchip Technology MEC1322 Datasheet HTML 361Page - Microchip Technology MEC1322 Datasheet HTML 362Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 456 page
background image
MEC1322
DS00001719D-page 358
 2014 - 2015 Microchip Technology Inc.
31.0 BC-LINK MASTER
31.1
Overview
This block provides BC-Link
connectivity to a slave device. The BC-Linkprotocol includes a start bit to signal the
beginning of a message and a turnaround (TAR) period for bus transfer between the Master and Companion devices.
31.2
References
No references have been cited for this feature.
31.3
Terminology
There is no terminology defined for this section.
31.4
Interface
This block is designed to be accessed externally via the pin interface and internally via a registered host interface.
31.5
Signal Description
FIGURE 31-1:
I/O DIAGRAM OF BLOCK
TABLE 31-1:
SIGNAL DESCRIPTION TABLE
Name
Direction
Description
BCM_CLK
Output
BC-Link output clock
BCM_DAT
Input/Output
Bidirectional data line
BCM_INT#
Input
Input from the companion device
Note:
A weak pull-up resistor is recommended on the data line (100K
Ω).
BC-Link Master
Interrupts
Power, Clocks and Reset
Interface
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More