công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MEC1322 bảng dữ liệu(PDF) 330 Page - Microchip Technology

tên linh kiện MEC1322
Giải thích chi tiết về linh kiện  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 bảng dữ liệu(HTML) 330 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 326Page - Microchip Technology MEC1322 Datasheet HTML 327Page - Microchip Technology MEC1322 Datasheet HTML 328Page - Microchip Technology MEC1322 Datasheet HTML 329Page - Microchip Technology MEC1322 Datasheet HTML 330Page - Microchip Technology MEC1322 Datasheet HTML 331Page - Microchip Technology MEC1322 Datasheet HTML 332Page - Microchip Technology MEC1322 Datasheet HTML 333Page - Microchip Technology MEC1322 Datasheet HTML 334Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 456 page
background image
MEC1322
DS00001719D-page 330
 2014 - 2015 Microchip Technology Inc.
The breathing range of and LED can range between full on and full off, or in a range that falls within the full-on/full-off
range, as shown in this figure. The ramp time can be different in different applications. For example, if the ramp time
was 1 second, the LED would appear to breathe quickly. A time of 2 seconds would make the LED appear to breathe
more leisurely.
The breathing pattern can be clipped, as shown in the following figure, so that the breathing effect appears to pause at
its maximum and minimum brightnesses:
FIGURE 28-3:
CLIPPING EXAMPLE
The clipping periods at the two extremes can be adjusted independently, so that for example an LED can appear to
breathe (with a short delay at maximum brightness) followed by a longer “resting” period (with a long delay at minimum
brightness).
The brightness can also be changed in a non-linear fashion, as shown in the following figure:
FIGURE 28-4:
EXAMPLE OF A SEGMENTED CURVE
In this figure, the rise and fall curves are implemented in 4 linear segments and are the rise and fall periods are sym-
metric.
The breathing mode uses the 32.768 KHz clock for its time base.
Full off
Full on
Min Duty Cycle
Max Duty Cycle
Full off
Full on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More