công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV431BQLPR bảng dữ liệu(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV431BQLPR
Giải thích chi tiết về linh kiện  Low-Voltage Adjustable Precision Shunt Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BQLPR bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button TLV431BQLPR Datasheet HTML 16Page - Texas Instruments TLV431BQLPR Datasheet HTML 17Page - Texas Instruments TLV431BQLPR Datasheet HTML 18Page - Texas Instruments TLV431BQLPR Datasheet HTML 19Page - Texas Instruments TLV431BQLPR Datasheet HTML 20Page - Texas Instruments TLV431BQLPR Datasheet HTML 21Page - Texas Instruments TLV431BQLPR Datasheet HTML 22Page - Texas Instruments TLV431BQLPR Datasheet HTML 23Page - Texas Instruments TLV431BQLPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Time (ms)
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
D001
Vin~1.24V (+/-5%)
Vo(Vin=1.18V)
Vo(Vin=1.24V)
Vo(Vin=1.30V)
Time (ms)
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-2
-1
0
1
2
3
4
5
6
7
8
9
10
D001
Vo(Vin=5.0V)
Vin=5.0V
TLV431, TLV431A, TLV431B
SLVS139V – JULY 1996 – REVISED JANUARY 2015
www.ti.com
10.2.1.2.2
Overdrive
Slow or inaccurate responses can also occur when the reference pin is not provided enough overdrive voltage.
This is the amount of voltage that is higher than the internal virtual reference. The internal virtual reference
voltage will be within the range of 1.24V ±(0.5%, 1.0% or 1.5%) depending on which version is being used.
The more overdrive voltage provided, the faster the TLV431 will respond. This can be seen in figures Figure 24
and Figure 25, where it displays the output responses to various input voltages.
For applications where TLV431 is being used as a comparator, it is best to set the trip point to greater than the
positive expected error (i.e. +1.0% for the A version). For fast response, setting the trip point to > 10% of the
internal Vref should suffice.
For minimal voltage drop or difference from Vin to the ref pin, it is recommended to use an input resistor < 10 k
Ω
to provide Iref.
10.2.1.2.3
Output Voltage and Logic Input Level
In order for TLV431 to properly be used as a comparator, the logic output must be readable by the recieving
logic device. This is accomplished by knowing the input high and low level threshold voltage levels, typically
denoted by VIH & VIL.
As seen in Figure 24, TLV431's output low level voltage in open-loop/comparator mode is ~1 V, which is
sufficient for some 3.3V supplied logic. However, would not work for 2.5 V and 1.8 V supplied logic. In order to
accommodate this a resistive divider can be tied to the output to attenuate the output voltage to a voltage legible
to the receiving low voltage logic device.
TLV431's output high voltage is approximately Vsup due to TLV431 being open-collector. If Vsup is much higher
than the receiving logic's maximum input voltage tolerance, the output must be attenuated to accommodate the
outgoing logic's reliability.
When using a resistive divider on the output, be sure to make the sum of the resistive divider (R1 & R2 in
Figure 23) is much greater than Rsup in order to not interfere with TLV431's ability to pull close to Vsup when
turning off.
10.2.1.2.3.1
Input Resistance
TLV431 requires an input resistance in this application in order to source the reference current (Iref) needed from
this device to be in the proper operating regions while turning on. The actual voltage seen at the ref pin will be
Vref=Vin-Iref*Rin. Since Iref can be as high as 0.5 µA it is recommended to use a resistance small enough that will
mitigate the error that Iref creates from Vin.
10.2.1.3 Application Curves
Figure 24. Output Response with Small Overdrive Voltages
Figure 25. Output Response with Large Overdrive Voltage
20
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com