công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV431BQLPR bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV431BQLPR
Giải thích chi tiết về linh kiện  Low-Voltage Adjustable Precision Shunt Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BQLPR bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TLV431BQLPR Datasheet HTML 15Page - Texas Instruments TLV431BQLPR Datasheet HTML 16Page - Texas Instruments TLV431BQLPR Datasheet HTML 17Page - Texas Instruments TLV431BQLPR Datasheet HTML 18Page - Texas Instruments TLV431BQLPR Datasheet HTML 19Page - Texas Instruments TLV431BQLPR Datasheet HTML 20Page - Texas Instruments TLV431BQLPR Datasheet HTML 21Page - Texas Instruments TLV431BQLPR Datasheet HTML 22Page - Texas Instruments TLV431BQLPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
+
1.24 V
CATHODE
ANODE
REF
VIN
Vout
Vsup
Rsup
R1
R2
VL
RIN
TLV431, TLV431A, TLV431B
www.ti.com
SLVS139V – JULY 1996 – REVISED JANUARY 2015
10.2 Typical Applications
10.2.1 Comparator with Integrated Reference (Open Loop)
Figure 23. Comparator Application Schematic
10.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0 V to 5 V
Input Resistance
10 k
Ω
Supply Voltage
5 V
Cathode Current (Ik)
500 µA
Output Voltage Level
~1 V - Vsup
Logic Input Thresholds VIH/VIL
VL
10.2.1.2 Detailed Design Procedure
When using TLV431 as a comparator with reference, determine the following:
•
Input voltage range
•
Reference voltage accuracy
•
Output logic input high and low level thresholds
•
Current source resistance
10.2.1.2.1
Basic Operation
In the configuration shown in Figure 23 TLV431 will behave as a comparator, comparing the Vref pin voltage to
the internal virtual reference voltage. When provided a proper cathode current (Ik), TLV431 will have enough
open loop gain to provide a quick response. With the TLV431's max Operating Current (Imin) being 100 uA and
up to 150 uA over temperature, operation below that could result in low gain, leading to a slow response.
Copyright © 1996–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com