công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV431BQLPR bảng dữ liệu(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TLV431BQLPR
Giải thích chi tiết về linh kiện  Low-Voltage Adjustable Precision Shunt Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BQLPR bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TLV431BQLPR Datasheet HTML 12Page - Texas Instruments TLV431BQLPR Datasheet HTML 13Page - Texas Instruments TLV431BQLPR Datasheet HTML 14Page - Texas Instruments TLV431BQLPR Datasheet HTML 15Page - Texas Instruments TLV431BQLPR Datasheet HTML 16Page - Texas Instruments TLV431BQLPR Datasheet HTML 17Page - Texas Instruments TLV431BQLPR Datasheet HTML 18Page - Texas Instruments TLV431BQLPR Datasheet HTML 19Page - Texas Instruments TLV431BQLPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
CATHODE
REF
ANODE
+
_
Vref
TLV431, TLV431A, TLV431B
SLVS139V – JULY 1996 – REVISED JANUARY 2015
www.ti.com
9 Detailed Description
9.1 Overview
TLV431 is a low power counterpart to TL431, having lower reference voltage (1.24 V vs 2.5 V) for lower voltage
adjustability and lower minimum cathode current (Ik(min)=100 µA vs 1 mA). Like TL431, TLV431 is used in
conjunction with it's key components to behave as a single voltage reference, error amplifier, voltage clamp or
comparator with integrated reference.
TLV431 can be operated and adjusted to cathode voltages from 1.24V to 6V, making this part optimum for a
wide range of end equipments in industrial, auto, telecom & computing. In order for this device to behave as a
shunt regulator or error amplifier, > 100 µA (Imin(max)) must be supplied in to the cathode pin. Under this
condition, feedback can be applied from the Cathode and Ref pins to create a replica of the internal reference
voltage.
Various reference voltage options can be purchased with initial tolerances (at 25°C) of 0.5%, 1%, and 1.5%.
These reference options are denoted by B (0.5%), A (1.0%) and blank (1.5%) after the TLV431.
The TLV431xC devices are characterized for operation from 0°C to 70°C, the TLV431xI devices are
characterized for operation from –40°C to 85°C, and the TLV431xQ devices are characterized for operation from
–40°C to 125°C.
9.2 Functional Block Diagram
9.3 Feature Description
TLV431 consists of an internal reference and amplifier that outputs a sink current base on the difference between
the reference pin and the virtual internal pin. The sink current is produced by an internal darlington pair.
When operated with enough voltage headroom (
≥ 1.24 V) and cathode current (Ika), TLV431 forces the
reference pin to 1.24 V. However, the reference pin can not be left floating, as it needs Iref ≥ 0.5 µA (please see
the Functional Block Diagram). This is because the reference pin is driven into an npn, which needs base current
in order operate properly.
When feedback is applied from the Cathode and Reference pins, TLV431 behaves as a Zener diode, regulating
to a constant voltage dependent on current being supplied into the cathode. This is due to the internal amplifier
and reference entering the proper operating regions. The same amount of current needed in the above feedback
situation must be applied to this device in open loop, servo or error amplifying implementations in order for it to
be in the proper linear region giving TLV431 enough gain.
Unlike many linear regulators, TLV431 is internally compensated to be stable without an output capacitor
between the cathode and anode. However, if it is desired to use an output capacitor Figure 18 can be used as a
guide to assist in choosing the correct capacitor to maintain stability.
16
Submit Documentation Feedback
Copyright © 1996–2015, Texas Instruments Incorporated
Product Folder Links: TLV431 TLV431A TLV431B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com