| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XC164CS bảng dữ liệu(PDF) 35 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC164CS bảng dữ liệu(HTML) 35 Page - Infineon Technologies AG |
|
35 / 71 page ![]() XC164 Derivatives Functional Description Data Sheet 31 V2.1, 2003-06 after the capture procedure. This allows the XC164 to measure absolute time differences or to perform pulse multiplication without software overhead. The capture trigger (timer T5 to CAPREL) may also be generated upon transitions of GPT1 timer T3’s inputs T3IN and/or T3EUD. This is especially advantageous when T3 operates in Incremental Interface Mode. Figure 8 Block Diagram of GPT2 MU X 2 n : 1 f SY S T5 M ode Con tro l G P T 2 Tim e r T5 2 n : 1 f SY S T6 M ode Con tro l G P T 2 Tim e r T6 G P T2 CA PR EL T6O T L T5EU D T5IN T3 IN / T3EU D CA PIN T6IN T6EU D T6O U T U/D U/D In te rru pt R equest (T 5 IR ) In te rru pt R equest (C RIR) In te rru pt R equest (T 6 IR ) O ther M odules C lear Ca ptu re CT 3 M cb03999_x c.vsd T oggle F F C lear n = 1 … 11 |