công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDC-GP21 bảng dữ liệu(PDF) 57 Page - ams AG

tên linh kiện TDC-GP21
Giải thích chi tiết về linh kiện  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 bảng dữ liệu(HTML) 57 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 53Page - ams AG TDC-GP21 Datasheet HTML 54Page - ams AG TDC-GP21 Datasheet HTML 55Page - ams AG TDC-GP21 Datasheet HTML 56Page - ams AG TDC-GP21 Datasheet HTML 57Page - ams AG TDC-GP21 Datasheet HTML 58Page - ams AG TDC-GP21 Datasheet HTML 59Page - ams AG TDC-GP21 Datasheet HTML 60Page - ams AG TDC-GP21 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
4-12
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
2 * Tref * 2 DIV_CLKHS < 2.4 µs.
Otherwise the ALU will go into an overflow during calibration and write ’hFFFFFFFF as
output data.
Please note:
The resulting clock after the predivider has to be in the allowed range of 2 MHz to 8 MHz
in single and double resolution and from 2 MHz ... 6 MHz in quad resolution.
c. Set the number of expected hits
In register 1, bits 16 to 18, HITIN1 the user has to define the number of hits the TDC-
GP21 has to wait for. A maximum of 3 on channel 1 is possible. The number HITIN1
always has to be higher by 1 than the number of expected hits. The reason is that the
Start is also counted as a hit. The TDC-GP21 measures until the set number of hits is
registered or a timeout occurs. register 1, bits 19 to 21, HITIN2 have to be set to “0“.
d. Select calibration
The calibration is switched on by setting register 0, bit13, CALIBRATE = “1“. It is
mandatory to do this.
For the calibration the TDC measures 1 and 2 cycles of the reference clock. The two d ata
are stored as Cal1 and Cal2.
There are two ways to update the calibration data Cal1 and Cal2:
Separate calibration by sending opcode Start_Cal_TDC via the SPI interface
Automatic update by setting register 0, bit 12, NO_AUTO_CAL = “0“. In most
applications this will be the preferred setting.
e. Define ALU data processing
While the TDC unit can measure up to 3 hits the ALU can calculate only one hit at once.
The settings are done in register 1, bits 24 to 27 and 28 to 31, HIT1 and HIT2. The
Example:
2 stop pulses are expected:
HITIN1 = “3”, HITIN2 = “0”
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com