công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDC-GP21 bảng dữ liệu(PDF) 26 Page - ams AG

tên linh kiện TDC-GP21
Giải thích chi tiết về linh kiện  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 bảng dữ liệu(HTML) 26 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 22Page - ams AG TDC-GP21 Datasheet HTML 23Page - ams AG TDC-GP21 Datasheet HTML 24Page - ams AG TDC-GP21 Datasheet HTML 25Page - ams AG TDC-GP21 Datasheet HTML 26Page - ams AG TDC-GP21 Datasheet HTML 27Page - ams AG TDC-GP21 Datasheet HTML 28Page - ams AG TDC-GP21 Datasheet HTML 29Page - ams AG TDC-GP21 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
3-1
3
Registers & Communication
3.1
Configuration registers
The TDC-GP21 has 7 configuration registers with 32 bit. The upper 24 bit are used for
configuration and are write only. They are used to setup the TDC-GP21 operating mode.
The lowest 8 bit can be used e.g. as an ID and can be read back.
For communication test please write to register 1 and read back the highest 8 bit from
address 5.
Note:
The write registers of TDC-GP21 are fully upwards compatible with TDC-GP2. A given
configuration of TDC-GP2 can directly be used one-to-one in TDC-GP21. The TDC-GP21
than works as a TDC-GP2. The add-on functionality can be selected in register 6 and reg1
Bits 7:0 which are not used in GP2. For proper work of TDC-GP21, a power-up reset via
pin or SPI command is necessary after the power-up of the circuit.
3.1.1
Alphanumeric listing of configuration parameters
Table 3-1: Configuration Parameters
Parameter
Old name (TDC-GP2)
Register
Bits
Default
value
New or
modified
ANZ_FAKE
No_Fake
0
15
0
ANZ_FIRE
[3:0]
[6:4]
Fire#
0
6
28-31
8-10
2
x
ANZ_PER_CALRES
CALRES#
0
22,23
0
ANZ_PORT
PORT#
0
17
1
CALIBRATE
Calibrate
0
13
1
CON_FIRE
CONF_FIRE
5
28-31
0
CURR32K
1
15
0
x
CYCLE_TEMP
6
18,19
0
x
CYCLE_TOF
6
16,17
0
x
DELVAL1
DELVAL1
2
8-23
0
DELVAL2
DELVAL2
3
8-23
0
DELVAL3
DELVAL3
4
8-23
0
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com