công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDC-GP21 bảng dữ liệu(PDF) 85 Page - ams AG

tên linh kiện TDC-GP21
Giải thích chi tiết về linh kiện  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 bảng dữ liệu(HTML) 85 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 81Page - ams AG TDC-GP21 Datasheet HTML 82Page - ams AG TDC-GP21 Datasheet HTML 83Page - ams AG TDC-GP21 Datasheet HTML 84Page - ams AG TDC-GP21 Datasheet HTML 85Page - ams AG TDC-GP21 Datasheet HTML 86Page - ams AG TDC-GP21 Datasheet HTML 87Page - ams AG TDC-GP21 Datasheet HTML 88Page - ams AG TDC-GP21 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
6-2
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
In the temperature path only a temperature stable reference resistor and a
capacitor
As oscillators take a 32.768 kHz and a ceramic 4 MHz oscillator. The FIRE_IN pin
can be used as output driver for the 32.768 kHz clock, so the µP does not need a
low power oscillator.
For the power supply use separate bypass capacitors of sufficient size to block V cc
and Vio. Separate both by a small resistor.
In total 11 low-cost elements only are needed for the measurement.
Register
Value
Typical example configuration (*)
Register 0
’hA30B6800
ANZ_FIRE = 10 (see register 6, too)
DIV_FIRE = 3, fire pulse frequency = 4 MHz/4 = 1.0 MHz
ANZ_PER_CALRES = 0, the 4 MHz is calibrated by a 61.035 µs
measurement
DIV_CLKHS = 0, the 4 MHz ceramic oscillator is internally used as it is
START_CLKHS = 2, the ceramic oscillator has 480 µs to settle
ANZ_PORT = 1, use all 4 ports for the temperature measurement
TCYCLE = 1, 512 µs cycle time for the temperature measurement
ANZ_FAKE = 0, 2 fake measurements
SEL_ECLK_TMP = 1, use 4 MHz for the temperature measurement
cycle definition
CALIBRATE = 1, mandatory in measurement mode 2 to be on
NO_CAL_AUTO = 0, mandatory in measurement mode 2 to have auto-
calibration
MESSB2 = 1, switch on measurement mode 2 for measuring > 2 µs.
NEG_STOP/NEG_START = 0, all set to rising edges
ID0 = ’h00
Register 1
’h21444000
HIT2 = 2, HIT1 = 1: calculate 1. Stop - Start in measurement mode 2
EN_FAST_INIT = 0, off
HITIN2 = 0
HITIN1 = 4, measure 3 stops (in measurement mode 2 this includes
the start, too, giving 4 hits)
CURR32K = 0, use default
SEL_START_FIRE = 1, use the internal direct wiring from the fire pulse
buffer to the TDC start
SEL_TSTO2 = 0, EN_START active
SEL_TSTO1 = 0, FIRE_IN pin is used as fire in
ID1 = ’h00
Register 2
’hA0320000
EN_INT = b0101, interrupt given by Timeout TDC or ALU ready
RFEDGE1 = RFEDGE2 = 0, use only rising edges
DELVAL1 = h’3200, the first stop is accepted after 100 µs
ID2 = ’h00
Register 3
’h18340000
EN_ERR_VAL = 0, there is enough time to read the status register
SEL_TIMO_MB2 = 3 , time out is generated after 4096 µs
DELVAL2 = h’3300, the first stop is accepted after 104 µs
ID3 = ’h00
Register 4
’h20360000
DELVAL3 = h’3400, the first stop is accepted after 108 µs
ID4 = ’h00
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com