công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC71-10E/SS bảng dữ liệu(PDF) 116 Page - Microchip Technology

tên linh kiện PIC16LC71-10E/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SS bảng dữ liệu(HTML) 116 Page - Microchip Technology

Back Button PIC16LC71-10E/SS Datasheet HTML 112Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 113Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 114Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 115Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 116Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 117Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 118Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 119Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 176 page
background image
PIC16C71X
DS30272A-page 116
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
Output High Voltage
D090
I/O ports (Note 3)
VOH VDD - 0.7 -
-
V
IOH = -3.0 mA, VDD = 4.5V,
-40
°C to +85°C
D090A
VDD - 0.7 -
-
V
IOH = -2.5 mA, VDD = 4.5V,
-40
°C to +125°C
D092
OSC2/CLKOUT (RC osc config)
VDD - 0.7 -
-
V
IOH = -1.3 mA, VDD = 4.5V,
-40
°C to +85°C
D092A
VDD - 0.7 -
-
V
IOH = -1.0 mA, VDD = 4.5V,
-40
°C to +125°C
Capacitive Loading Specs on
Output Pins
D100
OSC2 pin
COSC2
-
-
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1.
D101
All I/O pins and OSC2 (in RC mode)
CIO
-
-
50
pF
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0˚C
≤ TA ≤ +70˚C (commercial)
-40˚C
≤ TA ≤ +85˚C (industrial)
-40˚C
≤ TA ≤ +125˚C (extended)
Operating voltage VDD range as described in DC spec Section 13.1
and Section 13.2.
Param
No.
Characteristic
Sym
Min
Typ
†
Max
Units
Conditions
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16C7X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com