công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC71-10E/SS bảng dữ liệu(PDF) 61 Page - Microchip Technology

tên linh kiện PIC16LC71-10E/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SS bảng dữ liệu(HTML) 61 Page - Microchip Technology

Back Button PIC16LC71-10E/SS Datasheet HTML 57Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 58Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 59Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 60Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 61Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 62Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 63Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 64Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 61
PIC16C71X
8.5
Interrupts
The PIC16C71X family has 4 sources of interrupt.
The interrupt control register (INTCON) records indi-
vidual interrupt requests in flag bits. It also has individ-
ual and global interrupt enable bits.
A global interrupt enable bit, GIE (INTCON<7>)
enables (if set) all un-masked interrupts or disables (if
cleared) all interrupts. When bit GIE is enabled, and an
interrupt’s flag bit and mask bit are set, the interrupt will
vector immediately. Individual interrupts can be dis-
abled through their corresponding enable bits in vari-
ous
registers.
Individual
interrupt
bits
are
set
regardless of the status of the GIE bit. The GIE bit is
cleared on reset.
The “return from interrupt” instruction, RETFIE, exits
the interrupt routine as well as sets the GIE bit, which
re-enables interrupts.
The RB0/INT pin interrupt, the RB port change inter-
rupt and the TMR0 overflow interrupt flags are con-
tained in the INTCON register.
The peripheral interrupt flags are contained in the spe-
cial function registers PIR1 and PIR2. The correspond-
ing interrupt enable bits are contained in special
function registers PIE1 and PIE2, and the peripheral
interrupt enable bit is contained in special function reg-
ister INTCON.
When an interrupt is responded to, the GIE bit is
cleared to disable any further interrupt, the return
address is pushed onto the stack and the PC is loaded
with 0004h. Once in the interrupt service routine the
source(s) of the interrupt can be determined by polling
the interrupt flag bits. The interrupt flag bit(s) must be
cleared in software before re-enabling interrupts to
avoid recursive interrupts.
Applicable Devices
710 71 711 715
Interrupt Sources
External interrupt RB0/INT
TMR0 overflow interrupt
PORTB change interrupts (pins RB7:RB4)
A/D Interrupt
Note:
Individual interrupt flag bits are set regard-
less of the status of their corresponding
mask bit or the GIE bit.
For external interrupt events, such as the INT pin or
PORTB change interrupt, the interrupt latency will be
three or four instruction cycles. The exact latency
depends when the interrupt event occurs (Figure 8-19).
The latency is the same for one or two cycle instruc-
tions. Individual interrupt flag bits are set regardless of
the status of their corresponding mask bit or the GIE
bit.
Note:
For the PIC16C71
If an interrupt occurs while the Global Inter-
rupt Enable (GIE) bit is being cleared, the
GIE bit may unintentionally be re-enabled
by the user’s Interrupt Service Routine (the
RETFIE
instruction). The
events
that
would cause this to occur are:
1.
An instruction clears the GIE bit while
an interrupt is acknowledged.
2.
The program branches to the Interrupt
vector and executes the Interrupt Ser-
vice Routine.
3.
The Interrupt Service Routine com-
pletes with the execution of the RET-
FIE
instruction. This causes the GIE
bit to be set (enables interrupts), and
the program returns to the instruction
after the one which was meant to dis-
able interrupts.
Perform the following to ensure that inter-
rupts are globally disabled:
LOOP BCF
INTCON, GIE
; Disable global
;
interrupt bit
BTFSC INTCON, GIE
; Global interrupt
;
disabled?
GOTO
LOOP
; NO, try again
:
;
Yes, continue
;
with program
;
flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com