công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC71-10E/SS bảng dữ liệu(PDF) 53 Page - Microchip Technology

tên linh kiện PIC16LC71-10E/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SS bảng dữ liệu(HTML) 53 Page - Microchip Technology

Back Button PIC16LC71-10E/SS Datasheet HTML 49Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 50Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 51Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 52Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 53Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 54Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 55Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 56Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 53
PIC16C71X
8.4
Power-on Reset (POR), Power-up
Timer (PWRT) and Oscillator Start-up
Timer (OST), and Brown-out Reset
(BOR)
8.4.1
POWER-ON RESET (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (in the range of 1.5V - 2.1V). To
take advantage of the POR, just tie the MCLR pin
directly (or through a resistor) to VDD. This will eliminate
external RC components usually needed to create a
Power-on Reset. A maximum rise time for VDD is spec-
ified. See Electrical Specifications for details.
When the device starts normal operation (exits the
reset condition), device operating parameters (voltage,
frequency, temperature, ...) must be met to ensure
operation. If these conditions are not met, the device
must be held in reset until the operating conditions are
met. Brown-out Reset may be used to meet the startup
conditions.
For additional information, refer to Application Note
AN607, "
Power-up Trouble Shooting."
8.4.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms nominal
time-out on power-up only, from the POR. The Power-
up Timer operates on an internal RC oscillator. The
chip is kept in reset as long as the PWRT is active. The
PWRT’s time delay allows VDD to rise to an acceptable
level. A configuration bit is provided to enable/disable
the PWRT.
Applicable Devices
710 71 711 715
Applicable Devices
710 71 711 715
The power-up time delay will vary from chip to chip due
to VDD, temperature, and process variation. See DC
parameters for details.
8.4.3
OSCILLATOR START-UP TIMER (OST)
The Oscillator Start-up Timer (OST) provides 1024
oscillator cycle (from OSC1 input) delay after the
PWRT delay is over. This ensures that the crystal oscil-
lator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
SLEEP.
8.4.4
BROWN-OUT RESET (BOR)
A configuration bit, BODEN, can disable (if clear/pro-
grammed) or enable (if set) the Brown-out Reset cir-
cuitry. If VDD falls below 4.0V (3.8V - 4.2V range) for
greater than parameter #35, the brown-out situation will
reset the chip. A reset may not occur if VDD falls below
4.0V for less than parameter #35. The chip will remain
in Brown-out Reset until VDD rises above BVDD. The
Power-up Timer will now be invoked and will keep the
chip in RESET an additional 72 ms. If VDD drops below
BVDD while the Power-up Timer is running, the chip will
go back into a Brown-out Reset and the Power-up
Timer will be initialized. Once VDD rises above BVDD,
the Power-up Timer will execute a 72 ms time delay.
The Power-up Timer should always be enabled when
Brown-out Reset is enabled. Figure 8-10 shows typical
brown-out situations.
Applicable Devices
710 71 711 715
Applicable Devices
710 71 711 715
FIGURE 8-10: BROWN-OUT SITUATIONS
72 ms
BVDD
VDD
Internal
Reset
BVDD
VDD
Internal
Reset
72 ms
<72 ms
72 ms
BVDD
VDD
Internal
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com