công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC71-10E/SS bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện PIC16LC71-10E/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SS bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button PIC16LC71-10E/SS Datasheet HTML 31Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 32Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 33Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 34Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 35Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 36Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 37Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 38Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 35
PIC16C71X
6.3.1
SWITCHING PRESCALER ASSIGNMENT
The prescaler assignment is fully under software con-
trol, i.e., it can be changed “on the fly” during program
execution.
Note:
To avoid an unintended device RESET, the
following instruction sequence (shown in
Example 6-1) must be executed when
changing the prescaler assignment from
Timer0 to the WDT. This sequence must be
followed even if the WDT is disabled.
EXAMPLE 6-1:
CHANGING PRESCALER (TIMER0
→WDT)
BCF
STATUS, RP0
;Bank 0
CLRF
TMR0
;Clear TMR0 & Prescaler
BSF
STATUS, RP0
;Bank 1
CLRWDT
;Clears WDT
MOVLW
b'xxxx1xxx'
;Selects new prescale value
MOVWF
OPTION_REG
;and assigns the prescaler to the WDT
BCF
STATUS, RP0
;Bank 0
To change prescaler from the WDT to the Timer0
module use the sequence shown in Example 6-2.
EXAMPLE 6-2:
CHANGING PRESCALER (WDT
→TIMER0)
CLRWDT
;Clear WDT and prescaler
BSF
STATUS, RP0 ;Bank 1
MOVLW
b'xxxx0xxx' ;Select TMR0, new prescale value and
MOVWF
OPTION_REG
;clock source
BCF
STATUS, RP0 ;Bank 0
TABLE 6-1:
REGISTERS ASSOCIATED WITH TIMER0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
01h
TMR0
Timer0 module’s register
xxxx xxxx
uuuu uuuu
0Bh,8Bh,
INTCON
GIE
ADIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
81h
OPTION RBPU INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
85h
TRISA
—
—
—
PORTA Data Direction Register
---1 1111
---1 1111
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'. Shaded cells are not used by Timer0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com