công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC71-10E/SS bảng dữ liệu(PDF) 97 Page - Microchip Technology

tên linh kiện PIC16LC71-10E/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SS bảng dữ liệu(HTML) 97 Page - Microchip Technology

Back Button PIC16LC71-10E/SS Datasheet HTML 93Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 94Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 95Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 96Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 97Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 98Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 99Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 100Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 97
PIC16C71X
Applicable Devices
710 71 711 715
FIGURE 11-4: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
FIGURE 11-5: BROWN-OUT RESET TIMING
TABLE 11-4:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER,
AND BROWN-OUT RESET REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TmcL
MCLR Pulse Width (low)
1
—
—
µs
VDD = 5V, -40˚C to +125˚C
31
Twdt
Watchdog Timer Time-out Period
(No Prescaler)
7*
18
33*
ms
VDD = 5V, -40˚C to +125˚C
32
Tost
Oscillation Start-up Timer Period
—
1024TOSC
—
—
TOSC = OSC1 period
33
Tpwrt
Power up Timer Period
28*
72
132*
ms
VDD = 5V, -40˚C to +125˚C
34
TIOZ
I/O Hi-impedance from MCLR Low
or Watchdog Timer Reset
—
—
1.1
µs
35
TBOR
Brown-out Reset pulse width
100
—
—
µs
3.8V
≤ VDD ≤ 4.2V
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Time-out
Internal
RESET
Watchdog
Timer
RESET
33
32
30
31
34
I/O Pins
34
Note: Refer to Figure 11-1 for load conditions.
VDD
BVDD
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com