công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LC71-10E/SS bảng dữ liệu(PDF) 113 Page - Microchip Technology

tên linh kiện PIC16LC71-10E/SS
Giải thích chi tiết về linh kiện  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SS bảng dữ liệu(HTML) 113 Page - Microchip Technology

Back Button PIC16LC71-10E/SS Datasheet HTML 109Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 110Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 111Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 112Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 113Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 114Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 115Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 116Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 113
PIC16C71X
Applicable Devices
710 71 711 715
13.1
DC Characteristics:
PIC16C715-04 (Commercial, Industrial, Extended)
PIC16C715-10 (Commercial, Industrial, Extended)
PIC16C715-20 (Commercial, Industrial, Extended))
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0˚C
≤ TA ≤ +70˚C (commercial)
-40˚C
≤ TA ≤ +85˚C (industrial)
-40˚C
≤ TA ≤ +125˚C (extended)
Param.
No.
Characteristic
Sym
Min Typ† Max Units
Conditions
D001
D001A
Supply Voltage
VDD
4.0
4.5
-
-
5.5
5.5
V
V
XT, RC and LP osc configuration
HS osc configuration
D002*
RAM Data Retention
Voltage (Note 1)
VDR
-
1.5
-
V
Device in SLEEP mode
D003
VDD start voltage to
ensure internal Power-
on Reset signal
VPOR
-
VSS
-
V
See section on Power-on Reset for details
D004*
VDD rise rate to ensure
internal Power-on Reset
signal
SVDD
0.05
-
-
V/ms See section on Power-on Reset for details
D005
Brown-out Reset Voltage
BVDD
3.7
4.0
4.3
V
BODEN configuration bit is enabled
D010
D013
Supply Current (Note 2)
IDD
-
-
2.7
13.5
5
30
mA
mA
XT, RC osc configuration (PIC16C715-04)
FOSC = 4 MHz, VDD = 5.5V (Note 4)
HS osc configuration (PIC16C715-20)
FOSC = 20 MHz, VDD = 5.5V
D015
Brown-out Reset Current
(Note 5)
∆IBOR
-
300*
500
µA
BOR enabled VDD = 5.0V
D020
D021
D021A
D021B
Power-down Current
(Note 3)
IPD
-
-
-
-
10.5
1.5
1.5
1.5
42
21
24
30
µA
µA
µA
µA
VDD = 4.0V, WDT enabled, -40
°C to +85°C
VDD = 4.0V, WDT disabled, -0
°C to +70°C
VDD = 4.0V, WDT disabled, -40
°C to +85°C
VDD = 4.0V, WDT disabled, -40
°C to +125°C
D023
Brown-out Reset Current
(Note 5)
∆IBOR
-
300*
500
µA
BOR enabled VDD = 5.0V
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4: For RC osc configuration, current through Rext is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2Rext (mA) with Rext in kOhm.
5: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com