công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1865 bảng dữ liệu(PDF) 38 Page - STMicroelectronics

tên linh kiện UM1865
Giải thích chi tiết về linh kiện  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 bảng dữ liệu(HTML) 38 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 34Page - STMicroelectronics UM1865 Datasheet HTML 35Page - STMicroelectronics UM1865 Datasheet HTML 36Page - STMicroelectronics UM1865 Datasheet HTML 37Page - STMicroelectronics UM1865 Datasheet HTML 38Page - STMicroelectronics UM1865 Datasheet HTML 39Page - STMicroelectronics UM1865 Datasheet HTML 40Page - STMicroelectronics UM1865 Datasheet HTML 41Page - STMicroelectronics UM1865 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 132 page
background image
Vendor specific commands
UM1865
38/132
DocID027514 Rev 1
4.3.15
Aci_Gap_Slave_Security_Request
Description:
This command has to be issued to notify the master of the security requirements of the
slave.
Event(s) generated:
A command status event will be generated when a valid command is received. On
completion of the command, i.e. when the security request is successfully transmitted to the
master, a Evt_Blue_Slave_Security_Initiated vendor specific event will be generated.
Table 53. Aci_Gap_Slave_Security_Request
Command name
Parameters
Return
Aci_Gap_Slave_Security_Request (0xFC8D)
Bonding
MITM Protection
Status
Table 54. Aci_Gap_Slave_Security_Request command parameters
Parameter
Size
Description
Connection handle
2 bytes
Handle of the connection on which the slave security request will
be sent (ignored in slave-only role)
Bonding
1 byte
0x00: No bonding
0x01: Bonding required
MITM protection
1 byte
0x00: MIMT protection not required
0x01: MIMT protection required
Table 55. Aci_Gap_Slave_Security_Request return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x1F: Out of memory
0x0C: Command disallowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More