| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1865 bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 132 page ![]() DocID027514 Rev 1 79/132 UM1865 Vendor specific commands 132 Event(s) generated: When the Aci_Gatt_Del_Characteristic command has completed, the controller will generate a command complete event. 4.5.9 Aci_Gatt_Del_Service Description: Delete the service specified from the GATT server database. Event(s) generated: When the command has completed, the controller will generate a command complete event. Table 147. Aci_Gatt_Del_Characteristic return parameters Parameter Size Description Status 1 byte 0x00: Success 0x47: Error 0x60: Invalid handle 0x61: Invalid parameter 0x64: Insufficient resources Table 148. Aci_Gatt_Del_Service Command name Parameters Return Aci_Gatt_Del_Service (0xFD08) Service handle Status Table 149. Aci_Gatt_Del_Service command parameters Parameter Size Description Service_Handle 2 bytes Handle of the service to be deleted Table 150. Aci_Gatt_Del_Service return parameters Parameter Size Description Status 1 byte 0x00: Success 0x47: Error 0x60: Invalid handle 0x61: Invalid parameter 0x64: Insufficient resources |