| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1865 bảng dữ liệu(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 bảng dữ liệu(HTML) 97 Page - STMicroelectronics |
|
97 / 132 page ![]() DocID027514 Rev 1 97/132 UM1865 Vendor specific commands 132 4.5.28 Aci_Gatt_Read_Multiple_Charac_Values Description: Post the Read Multiple request. Event(s) generated: A command status event is generated on the receipt of the command. When the procedure is completed, a Evt_Blue_Gatt_Procedure_Cmplt event is generated. Before procedure completion the response packets are given through Evt_Blue_Att_Read_Multiple_Resp event. Table 205. Aci_Gatt_Read_Multiple_Charac_Values Command name Parameters Return Aci_Gatt_Read_Multiple_Charac_Values (0xFD1B) Connection handle numHandles setOfHandles Status Table 206. Aci_Gatt_Read_Multiple_Charac_Values command parameters Parameter Size Description Connection handle 2 bytes Connection handle for which the command is given numHandles 1 byte The number of handles for which the value has to be read setOfHandles numHandle * 2 bytes The handles for which the attribute value has to be read Table 207. Aci_Gatt_Read_Multiple_Charac_Values return parameters Parameter Size Description Status 1 byte 0x00: Success 0x42: Invalid parameters 0x46: Not allowed - If the exchange has already taken place - If GATT is expecting response for previous request - Already a request is in the queue to be sent - Channel not open - Already one GATT procedure is started |