| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1865 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 132 page ![]() Vendor specific commands UM1865 34/132 DocID027514 Rev 1 Event(s) generated: When the command has completed, the controller will generate a command complete event. 4.3.12 Aci_Gap_Init Description: Register the GAP service with the GATT. The device name characteristic and appearance characteristic are added by default and the handles of these characteristics are returned in the event data. The role parameter can be a bitwise OR of any of the values mentioned below. Table 43. Aci_Gap_Authorization_Response return parameters Parameter Size Description Status 1 byte 0x00: Success 0x42: Invalid parameter 0x0C: Command disallowed Table 44. Aci_Gap_Init Command name Parameters Return Aci_Gap_Init (0xFC8A) Role enable_Privacy device_name_char_len Status Service handle Dev name char handle Appearance Char handle Table 45. Aci_Gap_Init command parameters Parameter Size Description Role 1 byte 0x01:Peripheral 0x02: Broadcaster 0x04: Central 0x08: Observer enable_Privacy 1 byte 0x00: Privacy is disabled 0x01: Privacy is enabled device_name_char _len 1 byte Length of the device name characteristic |