| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1865 bảng dữ liệu(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 bảng dữ liệu(HTML) 98 Page - STMicroelectronics |
|
98 / 132 page ![]() Vendor specific commands UM1865 98/132 DocID027514 Rev 1 4.5.29 Aci_Gatt_Write_Charac_Val Description: Start the procedure to write a characteristic value. Event(s) generated: A command status event is generated on the receipt of the command. When the procedure is completed, a Evt_Blue_Gatt_Procedure_Cmplt event is generated. Table 208. Aci_Gatt_Write_Charac_Val Command name Parameters Return Aci_Gatt_Write_Charac_Val (0xFD1C) Connection handle attrHandle ValLen AttrVal Status Table 209. Aci_Gatt_Write_Charac_Val command parameters Parameter Size Description Connection handle 2 bytes Connection handle for which the command is given attrHandle 2 bytes Handle of the characteristic to be written ValLen 1 byte Length of the value to be written AttrVal 0-N bytes Value to be written Table 210. Aci_Gatt_Write_Charac_Val return parameters Parameter Size Description Status 1 byte 0x00: Success 0x42: Invalid parameters 0x46: Not allowed - If the exchange has already taken place - If GATT is expecting response for previous request - Already a request is in the queue to be sent - Channel not open - Already one GATT procedure is started |