| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1865 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 132 page ![]() Vendor specific commands UM1865 36/132 DocID027514 Rev 1 Event(s) generated: A command complete event is generated upon the completion of the command. 4.3.14 Aci_Gap_Set_Undirected_Connectable Description: Put the device into undirected connectable mode. The privacy setting done in the gap_init command plays a role in deciding the valid parameters for this command. Table 49. Aci_Gap_Set_Non_Connectable return parameters Parameter Size Description Status 1 byte 0x00 : Success 0x41 : BLE_Status_Failed 0x42 : BLE_Status_Invalid Parameter 0x0C: Command Disallowed 0x12 : Invalid HCI parameters Table 50. Aci_Gap_Set_Undirected_Connectable Command name Parameters Return Aci_Gap_Set_Undirected_Connectable (0xFC8C) Advertising filtering policy Own address type Status Table 51. Aci_Gap_Set_Undirected_Connectable command parameters Parameter Size Description Advertising_Event_ Type 1 byte 0x00: Allow scan request from any, allow connect request from any (default). 0x03: Allow scan request from white list only, allow connect request from White List Only. Own_Address_Typ e 1 byte If privacy is disabled 0x00: Public device address (default) 0x01: Random device address If privacy is enabled 0x02: Private resolvable address 0x03: Non resolvable address Table 52. Aci_Gap_Set_Undirected_Connectable return parameters Parameter Size Description Status 1 byte 0x00: Success 0x42: Invalid parameter 0x0C: Command disallowed 0x11: Unsupported feature |