công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1865 bảng dữ liệu(PDF) 117 Page - STMicroelectronics

tên linh kiện UM1865
Giải thích chi tiết về linh kiện  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 bảng dữ liệu(HTML) 117 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 113Page - STMicroelectronics UM1865 Datasheet HTML 114Page - STMicroelectronics UM1865 Datasheet HTML 115Page - STMicroelectronics UM1865 Datasheet HTML 116Page - STMicroelectronics UM1865 Datasheet HTML 117Page - STMicroelectronics UM1865 Datasheet HTML 118Page - STMicroelectronics UM1865 Datasheet HTML 119Page - STMicroelectronics UM1865 Datasheet HTML 120Page - STMicroelectronics UM1865 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 132 page
background image
DocID027514 Rev 1
117/132
UM1865
Vendor specific commands
132
4.7
HCI vendor specific commands
4.7.1
HCI VS commands
1. For the updater commands, i.e. OpCode with 0xFC2x, please refer to the separate document BlueNRG-
MS Updater Specification.
2. The 4 HAL_IO_XXX commands (Item 1-4) are disabled in the current release.
Table 265. HCI VS commands
Item
Event
EGID
EID
ECODE
1
Hal_IO_Init
0x00
0x01
0xFC01
2
Hal_IO_Configure
0x00
0x02
0xFC02
3
Hal_IO_set_bit
0x00
0x03
0xFC03
4
Hal_IO_get_bit
0x00
0x04
0xFC04
5
Write_Config_data
0x00
0x0C
0xFC0C
6
Read_Config_data
0x00
0x0D
0xFC0D
7
Set_Tx_power_level
0x00
0x0F
0xFC0F
8
Device_Standby
0x00
0x13
0xFC13
9
Number_Of_Packet_Sent_in_DirectTX
0x00
0x14
0xFC14
10
Tone_Start
0x00
0x15
0xFC15
11
Tone_Stop
0x00
0x16
0xFC16
12
Updater_Start
0x00
0x20
0xFC20
13
Updater_Reboot
0x00
0x21
0xFC21
14
Updater_Version
0x00
0x22
0xFC22
15
Updater_Buffer_Size
0x00
0x23
0xFC23
16
Updater_Erase_Blue_Flag
0x00
0x24
0xFC24
17
Updater_Reset_Blue_Flag
0x00
0x25
0xFC25
18
Updater_Erase_Sector
0x00
0x26
0xFC26
19
Updater_Program_Data_Block
0x00
0x27
0xFC27
20
Updater_Read_Data_Block
0x00
0x28
0xFC28
21
Updater_Calculate_CRC
0x00
0x29
0xFC29
22
Updater_Read_HW_Version
0x00
0x2A
0xFC2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More