| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1865 bảng dữ liệu(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 bảng dữ liệu(HTML) 104 Page - STMicroelectronics |
|
104 / 132 page ![]() Vendor specific commands UM1865 104/132 DocID027514 Rev 1 4.5.35 Aci_Gatt_Read_Charac_Descriptor Description: Start the procedure to read the descriptor specified. Event(s) generated: A command status event is generated on the receipt of the command. When the procedure is completed, a Evt_Blue_Gatt_Procedure_Cmplt event is generated. Before procedure completion the response packet is given through Evt_Blue_Att_Read_Resp event. 4.5.36 Aci_Gatt_Write_Without_Response Table 226. Aci_Gatt_Read_Charac_Descriptor Command name Parameters Return Aci_Gatt_Read_Charac_Descriptor (0xFD22) Connection handle AttrHandle Status Table 227. Aci_Gatt_Read_Charac_Descriptor command parameters Parameter Size Description Connection handle 2 bytes Connection handle for which the command is given AttrHandle 2 bytes Handle of the descriptor to be read Table 228. Aci_Gatt_Read_Charac_Descriptor return parameters Parameter Size Description Status 1 byte 0x00: Success 0x42: Invalid parameters 0x46: Not allowed - If the exchange has already taken place - If GATT is expecting response for previous request - Already a request is in the queue to be sent - Channel not open - Already one GATT procedure is started Table 229. Aci_Gatt_Write_Without_Response Command name Parameters Return Aci_Gatt_Write_Without_Response (0xFD23) Connection handle AttrHandle ValLen AttrVal Status |