| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0319 bảng dữ liệu(PDF) 364 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 bảng dữ liệu(HTML) 364 Page - STMicroelectronics |
|
364 / 368 page ![]() Acronyms RM0319 364/368 Doc ID 022640 Rev 3 JTAG Joint test action group LIFO Last-in-first-out LS Low speed subsystem LSB Least significant bit MAC Media access control MCU Microcontroller unit MII Media independent interface MMC MultiMedia card MMU Memory management unit MSB Most significant bit MD5 Message digest 5 PHY Physical layer PWM Pulse width modulator RAM Random access memory RAS Reconfigurable array subsystem RF Radio frequency RFU Reserved for future use RISC Reduced instruction set computing RMII Reduced media independent interface ROM Read only memory RTC Real time clock RX Receive SD Secure digital SDIO Secure digital input/output SoC System-on-chip SPEAr Structured processor enhanced architecture SMI Serial memory interface SSP Synchronous serial port SPP Standard parallel port SHA-1 Secure hash algorithm TCM Tightly coupled memory TX Transmit UART Universal asynchronous receiver transmitter USB Universal serial bus Table 126. Acronyms (continued) Acronym Definition |