| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0319 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 368 page ![]() RM0319 ARM926EJ-S Doc ID 022640 Rev 3 29/368 3.3.3 Bus interface unit The ARM926EJ-S bus interface unit (BIU) arbitrates and schedules the AHB requests. The BIU contains separate masters for both instruction and data access, enabling multilayer AHB and multi-AHB systems to be implemented, giving the benefit of increased overall bus bandwidth and a more flexible system architecture. To increase system performance, write buffers are used to prevent AHB writes from stalling the ARM926EJ-S system. Note: For a detailed description of the interfaces of ARM926EJ-S, please refer to ARM926EJ-S Technical Reference Manual. |