| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0319 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 368 page ![]() RM0319 ARM926EJ-S Doc ID 022640 Rev 3 27/368 3.3 Functional description Figure 2. ARM926EJ-S block diagram Note: The co-processor interface and the TCM interface are not used. 3.3.1 Memory management unit (MMU) A single set of two-level page tables stored in main memory is used to control the address translation, permission checks, and memory region attributes for both data and instruction accesses. The memory management unit uses a single unified translation look aside buffer (TLB) to cache the information held in the page tables. To support both sections and pages, there are two levels of address translation, and the MMU puts the translated physical addresses into the MMU TLB. The MMU TLB consists of two parts: ● The main TLB, which is a two-way, set-associative cache for page table information. It has 32 entries per way for a total of 64 entries. ● The lockdown TLB, which is an eight-entry fully-associative cache that contains locked TLB entries. Locking TLB entries can ensure that a memory access to a given region never incurs the penalty of a page table walk. DRDATA IRDATA ETM interface e RDATA Coprocessor interface WDATA INSTR ARM9EJ-S FCSETLB MMU ICACHE IEXT DCACHE Cache PA TAGRAM Write back Write buffer DEXT Write buffer External Coprocessor Interface CPUINSTR CPUOUT CPUIN TCM interface Bus Interface unit DROUTE IROUTE DRWDATA Data AHB Interface Intruction AHB Interface |