| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0319 bảng dữ liệu(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 bảng dữ liệu(HTML) 73 Page - STMicroelectronics |
|
73 / 368 page ![]() RM0319 Multiport DDR controller (MPMC) Doc ID 022640 Rev 3 73/368 If the same system also contains two ports that only can request at priority level 1, the system behavior will be slightly altered. Adding these 2 ports leads to the second priority group structure increasing the arbitration depth. Table 24 describes this system. The text in bold-italic (grey background) highlights the priority level changes for P4 and P5. To simplify, the command queue is again considered to never be full and it is assumed that commands from ports 0, 1, 2 and 3 are only received at priority level 0. The behavior is shown in Table 25. Note: If any priority 0 port (P0, P1, P2, P3) is requesting, the system will behave as one only priority group is acting as shown in Table 23. Ports 4 and 5 can only win arbitration when no higher-priority commands exist. Table 23. System D operation Cycle Ports requesting Arbitration winner Next counter Next scan order P0 P1 P2 P3 P0 P1 P2 P3 P0-P1-P2-P3 0 Y Y Y P0 100 0P0-P1-P2-P3 1 Y Y Y P0 200 0P0-P1-P2-P3 2 Y YYYP0 3 0 0 0 P0-P1-P2-P3 3 Y YYYP0 4 0 0 0 P1-P2-P3-P0 4 Y YYYP1 0 1 0 0 P1-P2-P3-P0 5 Y YYYP1 0 2 0 0 P1-P2-P3-P0 6 Y YYYP1 0 3 0 0 P2-P3-P0-P1 7 Y Y Y P2 001 0P2-P3-P0-P1 8 Y Y Y P2 002 0P3-P0-P1-P2 9 Y Y P3 000 1P0-P1-P2-P3 10 Y Y Y P0 100 0P0-P1-P2-P3 11 Y Y P2 101 0P0-P1-P2-P3 12 Y Y P2 102 0P0-P1-P3-P2 Table 24. System E specifications Parameter Port 0 Port 1 Port 2 Port 3 Port 4 Port 5 ahbX_priority0_relative_priority 4 3 2 1 1 1 ahbX_priority1_relative_priority 1 1 1 1 3 2 ahbX_port_ordering 0 1 2 3 4 5 |