| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0319 bảng dữ liệu(PDF) 344 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 bảng dữ liệu(HTML) 344 Page - STMicroelectronics |
|
344 / 368 page ![]() Vectored interrupt controller (VIC) RM0319 344/368 Doc ID 022640 Rev 3 33.3 Functional description Figure 114 shows the block diagram of VIC. Figure 114. VIC block diagram 33.3.1 Interrupt request logic The interrupt request logic block receives the interrupt requests from peripherals and combines them with the software interrupt requests (see Section 33.3.6). After that, it masks out the requests that are not enabled (through the VICINTENABLE register) and routes the others to either IRQSTATUS or FIQSTATUS depending on VICINTSELECT. FIQ interrupts have the highest priority, followed by vectored interrupts (0-15) and, finally, non vectored interrupts. 33.3.2 Non-vectored FIQ interrupt logic The non-vectored FIQ interrupt logic block generates the FIQ interrupt signal by combining the FIQ interrupt requests coming from the interrupt request logic and any requests from daisy-chained interrupt controllers. VICINTSOURCE[31:0] nVICRQIN VICVECTADDRIN nVICFIQIN VICVECTADDROUT HRESP[1:0] HCLK HSELVIC HRESETn HWRITE HREADYIN HREADYOUT nVICFIQ nVICIRQ HTRANS HADDR[11:2] HRDATA[31:0] HWDATA[31:0] HSIZE[2:0] HPROT FIQSTATUS [31:0] IRQSTATUS [31:0] Interrupt request logic IRQ Daisy Chain IRQ vector address and priority logic Non-vectored IRQ interrupt logic VectAddrIn VectAddrOut AHB slave interface Control logic Non-vectored FIQ interrupt logic IRQ0 VectAddr0 IRQ1 IRQn IRQ15 VectAddr1 VectAddrn VectAddr15 Vector interrupt 0 Vector interrupt 1 Vector interrupt 15 |