| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0319 bảng dữ liệu(PDF) 190 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 bảng dữ liệu(HTML) 190 Page - STMicroelectronics |
|
190 / 368 page ![]() MMC-SD card/SDIO controller RM0319 190/368 Doc ID 022640 Rev 3 9. Read Response register and get necessary information of the issued command. 10. Wait for the Transfer Complete Interrupt and DMA Interrupt. 11. If Transfer Complete is set to logic ‘1’, go to Step (14) else if DMA Interrupt is set to logic ‘1’, go to Step 12. Transfer Complete is higher priority than DMA Interrupt. 12. Write logic ‘1’ to the DMA Interrupt in the Normal Interrupt Status register to clear this bit. 13. Set the next system address of the next data position to the System Address register and go to Step (10). 14. Write logic ‘1’ to the Transfer Complete and DMA Interrupt in the Normal Interrupt Status register to clear this bit. 14.5.7 Transferring data with ADMA Figure 64. Data transaction sequence with ADMA Start End (1) (2) (3) (4) (6) (7) (9) (14) (5) (8) (11) (12) (13) Create Discriptor table Set ADMA System Address Reg Set Block Count Reg Set Argument Reg Set Transfer Mode Reg Wait for Command Complete Int Command Complete Int occur Clr Command Complete Status Get Response Data Wait for Transfer Complete Int and ADMA Error Int ADMA Error Int occurs Check Interrupt Status Transfer Complete Int occurs Clr Transfer Complete Interrupt Status Clr ADMA Error Interrupt Status Set Command Reg Set Block Size Reg Abort ADMA Operation (10) (15) |