| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0319 bảng dữ liệu(PDF) 184 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 bảng dữ liệu(HTML) 184 Page - STMicroelectronics |
|
184 / 368 page ![]() MMC-SD card/SDIO controller RM0319 184/368 Doc ID 022640 Rev 3 14.5.3 Issuing a command Figure 60. Command issue sequence 1. Check Command Inhibit (CMD) in the Present State register. Repeat this step until Command Inhibit (CMD) is logic ‘0’. 2. If the Host Driver issues a SD Command with busy signal, go to step (3). If there is no busy signal, go to step (5). 3. If the Host Driver issues an abort command, go to step (5). In the case of no abort command, go to step (4). 4. Check Command Inhibit (DAT) in the Present State register. Repeat this step until Command Inhibit (DAT) is set to logic ‘0’. 5. Set the value of the command argument to the Argument register. 6. Set the Command register. 7. Perform the Command Completion Sequence (see Section 14.5.4 below). Start End (1) (5) Check Command Inhibit (CMD) CMD Line free Issue the command with the busy? Yes Issue Abort Command? No Check Command Inhibit(DAT) DAT Lone used DAT Lone free New command can be issued Set Argument Reg Set Command Reg Command Complete Sequence CMD Line used (2) (3) (4) (6) (7) Yes No |