| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0312 bảng dữ liệu(PDF) 210 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0312 bảng dữ liệu(HTML) 210 Page - STMicroelectronics |
|
210 / 275 page ![]() Serial peripheral interface (SPI) RM0312 210/275 DocID022352 Rev 3 Figure 75. TXE/RXNE/BSY behavior in full duplex mode (RXONLY = 0). Case of continuous transfers Figure 76. TXE/RXNE/BSY behavior in slave / full duplex mode (BDM = 0, RXONLY = 0). Case of continuous transfers MISO/MOSI (in) Tx Buffer DATA1 = 0xA1 TXE flag 0xF2 BSY flag 0xF3 software writes 0xF1 in SPI_DR software waits until TXE=1 and writes 0xF2 in SPI_DR software waits until RXNE=1 and reads 0xA1 from SPI_DR set by hw cleared by sw set by hw cleared by sw set by hw set by hw SCK DATA 2 = 0xA2 DATA 3 = 0xA3 reset by hw Example in Master Mode with CPOL=1, CPHA=1 0xF1 RXNE flag (write SPI_DR) Rx Buffer set by hw cleared by sw MISO/MOSI (out) DATA1 = 0xF1 DATA2 = 0xF2 DATA3 = 0xF3 (read SPI_DR) 0xA1 0xA2 0xA3 software waits until TXE=1 and writes 0xF3 in SPI_DR software waits until RXNE=1 and reads 0xA2 from SPI_ DR software waits until RXNE=1 and reads 0xA3 from SPI_DR b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 0xF1 set by hw MISO/MOSI (in) Tx Buffer DATA 1 = 0xA1 TXE flag 0xF2 BSY flag 0xF3 software writes 0xF1 in SPI_DR software waits until TXE=1 and writes 0xF2 in SPI_DR software waits until RXNE=1 and reads 0xA1 from SPI_DR set by hw cleared by sw set by hw cleared by sw set by hw SCK DATA 2 = 0xA2 DATA 3 = 0xA3 reset by hw Example in Slave Mode with CPOL=1, CPHA=1 RXNE flag (write SPI_DR) Rx Buffer set by hw cleared by sw MISO/MOSI (out) DATA 1 = 0xF1 DATA 2 = 0xF2 DATA 3 = 0xF3 (read SPI_DR) 0xA1 0xA2 0xA3 software waits until TXE=1 and writes 0xF3 in SPI_DR software waits until RXNE=1 and reads 0xA2 from SPI_ DR software waits until RXNE=1 and reads 0xA3 from SPI_DR b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 b0 b1 b2 b3 b4 b5 b6 b7 |