| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0312 bảng dữ liệu(PDF) 161 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0312 bảng dữ liệu(HTML) 161 Page - STMicroelectronics |
|
161 / 275 page ![]() DocID022352 Rev 3 161/275 RM0312 16-bit general purpose timer (TIM2/TIM3) 170 17.7.22 Output idle state register (TIMx_OISR) Address offset: 0x15 Reset value: 0x00 17.7.23 TIMx register map and reset values Refer to the datasheet for the base addresses of TIM2 and TIM3. 7 654 3210 Reserved OIS2 Reserved OIS1 rw rw Bits 7:3 Reserved Bit 2 OIS2: Output idle state 2 (OC2 output). Refer to OIS1 bit Bit 1 Reserved Bit 0 OIS1: Output idle state 1 (OC1 output). 0: OC1=0 when MOE=0 1: OC1=1 when MOE=0 Note: This bit can no longer be modified as long as LOCK level 1, 2 or 3 has been programmed (LOCK bits in the TIMx_BKR register). Table 36. TIMx register map Address offset Register Name 7 654 3 2 10 0x00 TIMx_CR1 Reset value ARPE 0 CMS1 0 CMS0 0 DIR 0 OPM 0 URS 0 UDIS 0 CEN 0 0x01 TIMx_CR2 Reset value TI1S 0 MMS2 0 MMS1 0 MMS0 0 - 0 - 0 - 0 - 0 0x02 TIMx_SMCR Reset value MSM 0 TS2 0 TS1 0 TS0 0 - 0 SMS2 0 SMS1 0 SMS0 0 0x03 TIMx_ETR Reset value ETP 0 ECE 0 ETPS1 0 ETPS0 0 EFT3 0 EFT2 0 EFT1 0 EFT0 0 0x04 TIMx_IER Reset value BIE 0 TIE 0 - 0 - 0 - 0 CC2IE 0 CC1IE 0 UIE 0 0x05 TIMx_SR1 Reset value BIF 0 TIF 0 - 0 - 0 - 0 CC2IF 0 CC1IF 0 UIF 0 0x06 TIMx_SR2 Reset value - 0 - 0 - 0 - 0 - 0 CC2OF 0 CC1OF 0 - 0 0x07 TIMx_EGR Reset value BG 0 TG 0 - 0 - 0 - 0 CC2G 0 CC1G 0 UG 0 |