| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0215 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0215 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 91 page ![]() April 2012 Doc ID 022979 Rev 1 1/91 PM0215 Programming manual STM32F0xxx Cortex-M0 programming manual Introduction This programming manual provides information for application and system-level software developers. It gives a full description of the STM32 Cortex™-M0 processor programming model, instruction set and core peripherals. The STM32 Cortex™-M0 processor is a high performance 32-bit processor designed for the microcontroller market. It offers significant benefits to developers, including: ■ Outstanding processing performance combined with fast interrupt handling ■ Enhanced system debug with extensive breakpoint and trace capabilities ■ Efficient processor core, system and memories ■ Ultra-low power consumption with integrated sleep modes ■ Platform security Table 1. Applicable products Type Part numbers Microcontroller STM32F0xxx www.st.com |
Số phần tương tự - PM0215 |
|
Mô tả tương tự - PM0215 |