công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM0215 bảng dữ liệu(PDF) 67 Page - STMicroelectronics

tên linh kiện PM0215
Giải thích chi tiết về linh kiện  STM32F0xxx Cortex-M0 programming manual
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0215 bảng dữ liệu(HTML) 67 Page - STMicroelectronics

Back Button PM0215 Datasheet HTML 63Page - STMicroelectronics PM0215 Datasheet HTML 64Page - STMicroelectronics PM0215 Datasheet HTML 65Page - STMicroelectronics PM0215 Datasheet HTML 66Page - STMicroelectronics PM0215 Datasheet HTML 67Page - STMicroelectronics PM0215 Datasheet HTML 68Page - STMicroelectronics PM0215 Datasheet HTML 69Page - STMicroelectronics PM0215 Datasheet HTML 70Page - STMicroelectronics PM0215 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
PM0215
The STM32 Cortex-M0 instruction set
Doc ID 022979 Rev 1
67/91
3.7.10
SVC
Supervisor call.
Syntax
SVC #imm
where: ‘imm’ is an integer in the range 0-255.
Operation
The SVC instruction causes the SVC exception. imm is ignored by the processor. It can be
retrieved by the exception handler to determine what service is being requested.
Restrictions: None
Condition flags
This instruction does not change the flags.
Examples
SVC
0x32
; Supervisor Call (SVC handler can extract the immediate value
; by locating it via the stacked PC)
3.7.11
WFE
Wait for event. WFE is a hint instruction.
Syntax
WFE
Operation
If the event register is 0, WFE suspends execution until one of the following events occurs:
An exception, unless masked by exception mask registers or the current priority level
An exception enters Pending state, if SEVONPEND in system control register is set
A Debug Entry request, if Debug is enabled
An event signaled by a peripheral or another processor in a multiprocessor system
using the SEV instruction.
If the event register is 1, WFE clears it to 0 and returns immediately. For more information
see Power management on page 28.
WFE is intended for power saving only. When writing software assume that WFE might
behave as NOP.
Restrictions: None
Condition flags
This instruction does not change the flags.
Examples
WFE
; Wait for event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91