công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3139 bảng dữ liệu(PDF) 43 Page - STMicroelectronics

tên linh kiện AN3139
Giải thích chi tiết về linh kiện  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 bảng dữ liệu(HTML) 43 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 39Page - STMicroelectronics AN3139 Datasheet HTML 40Page - STMicroelectronics AN3139 Datasheet HTML 41Page - STMicroelectronics AN3139 Datasheet HTML 42Page - STMicroelectronics AN3139 Datasheet HTML 43Page - STMicroelectronics AN3139 Datasheet HTML 44Page - STMicroelectronics AN3139 Datasheet HTML 45Page - STMicroelectronics AN3139 Datasheet HTML 46Page - STMicroelectronics AN3139 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
AN3139
Block-by-block compatibility analysis
Doc ID 16993 Rev 3
43/63
3.7
LCD peripheral
This peripheral is available in the medium, medium+ and high density
STM8L15x/STM8L16x devices.
●
In medium+ and high density STM8L15x/STM8L16x devices, it can interface with 8
common terminals and up to 44 segment terminals to drive up to 320 picture elements
(pixels).
●
In medium density STM8L15x/STM8L16x devices, it can interface with 4 common
terminals and up to 28 segment terminals to drive up to 112 picture elements (pixels).
The table below gives the pinout of the LCD in the STM8L15x/STM8L16x sub-family.
COMP2
PA6
PC7
PC7
PC7
VSS
PC4
PC4
PC4
PC3
PC3
PC3
PE7
DAC1 Output
DAC1 Output
DAC1 Output
DAC2 Output
VREFINT
VREFINT
VREFINT
3/4VREFINT
3/4VREFINT
3/4VREFINT
1/2VREFINT
1/2VREFINT
1/2VREFINT
1/4VREFINT
1/4VREFINT
1/4VREFINT
Table 14.
Overview of comparator inputs (continued)
STM8L10x
STM8L15x/STM8L16x
Comparator
Input
Low density
STM8L10x
Low density
STM8L15x
Medium density
STM8L15x
Medium+/High
density
STM8L15x/ High
density
STM8L16x
Table 15.
Overview of STM8L family LCD pins
Channels
LCD (1)
STM8L10x
STM8L15x/STM8L16x
Low density
STM8L10x
Low density
STM8L15x
Medium density
STM8L15x
Medium+/High
density STM8L15x/
High density
STM8L16x
COM0
PA4
PA4
COM1
PA5
PA5
COM2
PA6
PA6
COM3
PD1
PD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63