công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3139 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN3139
Giải thích chi tiết về linh kiện  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 10Page - STMicroelectronics AN3139 Datasheet HTML 11Page - STMicroelectronics AN3139 Datasheet HTML 12Page - STMicroelectronics AN3139 Datasheet HTML 13Page - STMicroelectronics AN3139 Datasheet HTML 14Page - STMicroelectronics AN3139 Datasheet HTML 15Page - STMicroelectronics AN3139 Datasheet HTML 16Page - STMicroelectronics AN3139 Datasheet HTML 17Page - STMicroelectronics AN3139 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
STM8L family compatibility
AN3139
14/63
Doc ID 16993 Rev 3
To migrate from the STM8L10x sub-family to the STM8L15x/STM8L16x sub-family when
using the communication peripherals (SPI, I2C or USART), you have to add the additional
peripheral of the same type as the first parameter in every function used from the firmware
library. A full compatibility, in terms of function parameter names, is guaranteed for all
common features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63