| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3139 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3139 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 63 page ![]() AN3139 Block-by-block compatibility analysis Doc ID 16993 Rev 3 29/63 3 Block-by-block compatibility analysis 3.1 Package pinout The following table gives an overview of the available packages in each STM8L family 3.1.1 Digital power supply The digital power supply design includes two supply sources. The purpose is to distribute the current flowing through the I/O logic separately from the rest of the digital microcontroller Table 4. Overview of STM8L family packages Package STM8L10x STM8L15x/STM8L16x Low density STM8L10x Low density STM8L15x Medium density STM8L15x Medium+/High density STM8L15x/ High density STM8L16x LQFP80 Not available Not available Not available x LQFP64 Not available Not available Not available x UFQFPN48 Not available Not available Not available x LQFP48 Not available x x x LQFP32 x Not available x Not available VFQFPN48 Not available Not available x Not available WFQFPN32 Not available Not available x Not available WFQFPN28 Not available Not available x Not available UFQFPN28 Not available x x Not available UFQFPN32 x x Not available Not available UFQFPN28 x x Not available Not available UFQFPN28 x x Not available Not available UFQFPN20 x x Not available Not available UFQFPN20 Not available x Not available Not available |