công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3139 bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện AN3139
Giải thích chi tiết về linh kiện  Migration and compatibility guidelines for STM8L microcontroller applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3139 bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button AN3139 Datasheet HTML 29Page - STMicroelectronics AN3139 Datasheet HTML 30Page - STMicroelectronics AN3139 Datasheet HTML 31Page - STMicroelectronics AN3139 Datasheet HTML 32Page - STMicroelectronics AN3139 Datasheet HTML 33Page - STMicroelectronics AN3139 Datasheet HTML 34Page - STMicroelectronics AN3139 Datasheet HTML 35Page - STMicroelectronics AN3139 Datasheet HTML 36Page - STMicroelectronics AN3139 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
AN3139
Block-by-block compatibility analysis
Doc ID 16993 Rev 3
33/63
BEEP/
AWU
0x00 50F0 - 0x00 50F3 0x00 50F0 - 0x00 50F3 0x00 50F0 - 0x00 50F3
0x00 50F0 - 0x00 50F3
Reserved
0x00 50F4 - 0x00 513F 0x00 50F4 - 0x00 513F
0x00 50F4 - 0x00 513F
RTC
0x00 5140 - 0x00 515F 0x00 5140 - 0x00 515F
0x00 5140 - 0x00 515F
Reserved
0x00 50F4 - 0x00 51FF 0x00 5160 - 0x00 51FF 0x00 5160 - 0x00 51FF
0x00 5160 - 0x00 51FF
SPI1
0x00 5200 - 0x00 5204 0x00 5200 - 0x00 5207 0x00 5200 - 0x00 5207
0x00 5200 - 0x00 5207
Reserved
0x00 5205 - 0x00 520F 0x00 5208 - 0x00 520F 0x00 5208 - 0x00 520F
0x00 5208 - 0x00 520F
I2C1
0x00 5210 - 0x00 521D 0x00 5210 - 0x00 521E 0x00 5210 - 0x00 521E
0x00 5210 - 0x00 521E
Reserved
0x00 521E - 0x00 522F 0x00 521F - 0x00 522F 0x00 521F - 0x00 522F
0x00 521F - 0x00 522F
USART1
0x00 5230 - 0x00 5237 0x00 5230 - 0x00 523A 0x00 5230 - 0x00 523A
0x00 5230 - 0x00 523A
Reserved
0x00 5238 - 0x00 524F 0x00 523B - 0x00 524F 0x00 523B - 0x00 524F 0x00 523B - 0x00 524F
TIM2
0x00 5250 - 0x00 5265 0x00 5250 - 0x00 5266 0x00 5250 - 0x00 5266
0x00 5250 - 0x00 5266
Reserved
0x00 5266 - 0x00 527F 0x00 5267 - 0x00 527F 0x00 5267 - 0x00 527F
0x00 5267 - 0x00 527F
TIM3
0x00 5280 - 0x00 5295 0x00 5280 - 0x00 5296 0x00 5280 - 0x00 5296
0x00 5280 - 0x00 5296
Reserved
0x00 5297 - 0x00 52AF 0x00 5297 - 0x00 52AF
TIM1
0x00 52B0 - 0x00 52D3 0x00 52B0 - 0x00 52D3
Reserved
0x00 5296 - 0x00 52DF 0x00 5297 - 0x00 52DF 0x00 52D4 - 0x00 52DF
0x00 52D4 - 0x00
52DF
TIM4
0x00 52E0 - 0x00 52E8 0x00 52E0 - 0x00 52E9 0x00 52E0 - 0x00 52E9 0x00 52E0 - 0x00 52E9
Reserved
0x00 52EA - 0x00
52FE
0x00 52EA - 0x00
52FE
0x00 52EA - 0x00 52FE
0x00 52EA - 0x00
52FE
IRTIM
0x00 52FF
0x00 52FF
0x00 52FF
0x00 52FF
Table 6.
Overview of STM8L family peripheral addresses (continued)
STM8L10x
STM8L15x/STM8L16x
Peripheral
Low density
STM8L10x
Low density
STM8L15x
Medium density
STM8L15x
Medium+/High
density STM8L15x/
High density
STM8L16x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63