| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3139 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3139 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 63 page ![]() Block-by-block compatibility analysis AN3139 40/63 Doc ID 16993 Rev 3 The table below lists all TIMx internal triggers that can be used with ADC for the STM8L15x/STM8L16x sub-family: 3.5 DAC peripheral This peripheral is only available in the STM8L15x/STM8L16x sub-family. The DAC has one output channel in the medium density STM8L15x/STM8L16x devices and two output channels in medium+ and high density STM8L15x/STM8L16x devices. The dual DAC channel mode feature is available on medium+ and high density STM8L15x/STM8L16x devices. All TIMx internal triggers that can be used with DAC for this sub-family are given in the following table: Table 12. TIMx internal triggers(1) 1. No ADC TIMx trigger available in the STM8L10x devices. ADC1 TIMx trigger STM8L10x STM8L15x/STM8L16x Low density STM8L10x Low density STM8L15x Medium density STM8L15x Medium+/High density STM8L15x/ High density STM8L16x TIM1 TIM1_TRGO event TIM1_TRGO event TIM2 TIM2_TRGO event TIM2_TRGO event TIM2_TRGO event TIM3 TIM4 TIM5 Table 13. Overview of STM8L family DACTIMx triggers (1) 1. No DAC TIMx trigger available in the STM8L10x devices. DAC TIMx trigger STM8L10x STM8L15x/STM8L16x Low density STM8L10x Low density STM8L15x Medium density STM8L15x Medium+/High density STM8L15x/ High density STM8L16x TIM1-TRGO TIM2-TRGO TIM3-TRGO TIM4-TRGO xxx TIM5-TRGO x |