| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4192 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4192 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 47 page ![]() Low-side FET selection AN4192 36/47 Doc ID 023820 Rev 1 Figure 44. 1 x LS vs. 2 x LS (LS G-S ringing improvement) The conspicuous reduction of the LS gate-source bouncing (especially for the high frequency oscillation after the first spike) provided by the increased COSS is obtained also using a bigger die size LS device, as shown in Figure 45 (light green trace: LS1, dark green trace: LS2). Figure 45. LS gate-source bouncing reduction for bigger die size LS FETs AM16487V1 AM16488V1 |