| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4043 bảng dữ liệu(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4043 bảng dữ liệu(HTML) 44 Page - STMicroelectronics |
|
44 / 60 page ![]() Power losses and dissipation AN4043 44/60 Doc ID 022726 Rev 2 Assuming that: 1. The application is a variable voltage variable frequency (VVVF) inverter based on sinusoidal PWM technique. 2. The switching frequency is high and therefore the output currents are sinusoidal. 3. The load is ideal inductive. Under these conditions, the output inverter current is given by: Equation 19 where Î is the current peak, θ stands for ωt and φ is the phase angle between output voltage and current. The conduction power losses can be obtained as: Equation 20 Equation 21 where ξ is the duty cycle for this PWM technique and is given by: Equation 22 and ma is the PWM amplitude modulation index. Finally, solving Equation 20Equation 20 and Equation 21Equation 21, we have: Equation 23 Equation 24 ()φ = - θ cos Iˆ i () () θ φ θ ξ π ⋅ + θ φ θ ξ π ⋅ = ∫ ∫ φ + π φ + π − φ + π φ + π − d - cos 2 Iˆ R d - cos 2 Iˆ V P 2 2 2 2 2 2 CE TO cond_IG BT () () () ( ) ∫ ∫ φ + π φ + π − φ + π φ + π − θ φ θ ξ − π + θ φ θ ξ − π = 2 2 2 2 d - cos 1 2 Iˆ R d - cos 1 2 Iˆ V P 2 2 AK FO cond_Diode 2 cos m 1 a θ ⋅ + = ξ ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ π φ ⋅ + π ⋅ + ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ φ ⋅ + π ⋅ = 3 cos m 8 1 2 Iˆ R 8 cos m 2 1 Iˆ V P a 2 CE a TO cond_IGBT ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ π φ ⋅ − π ⋅ + ⎟⎟ ⎠ ⎞ ⎜⎜ ⎝ ⎛ φ ⋅ − π ⋅ = 3 cos m 8 1 2 Iˆ R 8 cos m 2 1 Iˆ V P a 2 AK a FO cond_Diode |