| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4501 bảng dữ liệu(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4501 bảng dữ liệu(HTML) 43 Page - STMicroelectronics |
|
43 / 48 page ![]() DocID026394 Rev 1 43/48 AN4501 Calculation details 47 8.5 Calculation of the mosfet RMS current By definition: With for 0 < t < D x T and iM1 = 0 for D x T < t < T (see Figure 15) Figure 22. Typical current waveform of M1 in CCM Using the factoring formula: : D V OU T V IN – V OU T ------------------------------- 1 V IN V OUT --------------- – == I M1,RMS 2 1 T --- i M1 2 t d 0 T = i M1 I L,VALLEY I L,PP DT × -------------- t × + = I M1,RMS 2 1 T --- I L,VALLEY I L,PP DT × -------------- t × + 2 t d 0 T == DT × 3T × I L,PP × -------------------------------- I L,VALLEY I L,PP DT × -------------- t × + 3 0 DT = I M1,RMS 2 D 3I L,PP × ---------------------- I L,VALLEY I L,PP + () 3 I L,VALLEY 3 – () = I M1,RMS 2 D 3I L,PP × ---------------------- I L I L,PP 2 ------------ + 3 I L I L,PP 2 ------------ – 3 – = a 3 b 3 – a 3 b – () a 2 ab – b 2 + () × = |