| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4501 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4501 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 48 page ![]() Selection of the inductor AN4501 24/48 DocID026394 Rev 1 4.8 Inductor RMS current The inductor RMS current (IL,RMS) is needed to calculate the inductor copper loss (power dissipation caused by resistance of the inductor wires, noted DCR). The waveform of the inductor current in CCM is a triangular signal with an average current of IL and a peak-to-peak current IL,PP (see Figure 4). IL,RMS is given by (see Section 8.7 for the details of the calculations): Equation 16: Similarly to IL,PEAK, IL,RMS is also in general reached at DMAX (and VIN,MIN) The maximum copper loss is PCOPPER,MAX = DCR x I 2 L,RMS,MAX I LR MS , I L 2 I LPP , 2 12 ----------------- + = I L R MS MAX , , I LM AX , 2 I LPP V INMIN () , 2 12 -------------------------------------- + I OU T 2 1D MAX – () 2 --------------------------------- I LPP V INMIN () , 2 12 -------------------------------------- + == |