| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4501 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4501 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 48 page ![]() General considerations AN4501 16/48 DocID026394 Rev 1 Figure 5. Converter switching frequency versus RSF value The L99LD01 works as a fixed frequency boost converter. It is possible to add a pseudo- random frequency modulation, which is controlled by a specific control register (see datasheet). The so-called spread spectrum technique distributes the electromagnetic disturbance over a wide frequency range, resulting in a reduction of the peak emission. For clarity, in the rest of the document, we assume that this function is disabled. |